Part Number Hot Search : 
AX150 MSK640B 2SC1913A 122MR4 P87C51 ZMM75 0EVKI SP300
Product Description
Full Text Search
 

To Download 350GL651U050O Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 ? www.cde.com type 350 105 oc, low inductance, radial, aluminum electrolytic high frequency, solid aluminum top type 350s solid aluminum top assures extremely low impedance. with a typical 4 to 6 nh esl, the self reso - nant frequency is well above 100 khz. the very low esr assures the low impedance rating. the capacitors are ?tted with three rugged welded mounting leads to provide maximum resistance highlights operates to beyond 200 khz less than 10 nh esl solid aluminum top ? ? ? speci?cations capacitance range: voltage range: capacitance tolerance: operating temperature range: shelf life: leakage current: cold impedance: ripple current multipliers: load life: shelf life: vibration: 90 to 11,000 f 6.3 to 100 vdc C10 +75% C55 oc to + 105 oc 500 hours @ +105 oc 0.5 cv a at 25 oc C55 o multiple of 25 oc z 6 for 6.3 v, 3 ?r 10 to 50 v, 2 for 75 & 100 v 45 oc 55 oc 65 oc 75 oc 85 oc 95 oc 105 oc 1.66 1.52 1.37 1.20 1.00 0.75 0.36 ambient temperature frequency 60 hz 120 hz 360 hz 1 khz 5 khz 10 khz & up 6.3 to 20 v 0.53 0.65 0.73 0.90 0.95 1.00 25 to 35 v 0.45 0.55 0.65 0.85 0.92 1.00 50 to 75 v 0.36 0.50 0.60 0.80 0.90 1.00 100 v 0.29 0.40 0.52 0.75 0.87 1.00 4,000 h @ +105 oc at full load ? capacitance 10% esr 150% of limit dcl 100% of limit 500 h @ 105 oc, capacitance, esr and dcl, initial requirement 10 to 55 hz, 0.06 and 10 g max, 2h in each plane outline drawing
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 ? www.cde.com type 350 105 oc, low inductance, radial, aluminum electrolytic case dimensions part numbering system 350 jp 1152 u 6r3 c type case code capacitance tolerance voltage insulation 350 see table 900 = 90 f u = C10 +75% 6r3 = 6.3 vdc o = bare can 161 = 160 f t = C10 +50% 063 = 63 vdc b = plastic insulation with epoxy 882 = 8800 f 100 = 100 vdc c = plastic insulation, no epoxy 1152 = 11500 f case inches code nominal insulated s1 s2 t d x l d x l 0.015 0.015 ge 3/4 x 1 1/8 0.775 x 1.157 0.2 0.10 0.3 gj 3/4 x 1 5/8 0.775 x 1.657 0.2 0.10 0.3 gl 3/4 x 2 1/8 0.775 x 2.157 0.2 0.10 0.3 gp 3/4 x 2 5/8 0.775 x 2.657 0.2 0.10 0.3 he 7/8 x 1 1/8 0.900 x 1.157 0.3 0.15 0.4 hj 7/8 x 1 5/8 0.900 x 1.657 0.3 0.15 0.4 hl 7/8 x 2 1/8 0.900 x 2.157 0.3 0.15 0.4 hp 7/8 x 2 5/8 0.900 x 2.657 0.3 0.15 0.4 jj 1 x 1 5/8 1.025 x 1.657 0.3 0.15 0.4 typical performance curves type 350 impedance vs frequency
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 ? www.cde.com type 350 105 oc, low inductance, radial, aluminum electrolytic typical performance curves ratings esr max imped. ripple nom cap catalog +25 oc +25 oc a +85 oc size (in) (f) part number 120 hz 20 khz 100 khz 20 khz dxl 6.3 vdc (8.5 vdc surge) 1600 350ge162u6r3c 0.087 0.043 0.040 3.2 3/4 x 1 1/8 2400 350he242u6r3c 0.065 0.035 0.034 3.7 7/8 x 1 1/8 3000 350gj302u6r3c 0.050 0.025 0.025 4.6 3/4 x 1 5/8 3400 350je342u6r3c 0.058 0.031 0.031 4.0 1 x 1 1/8 4200 350gl422u6r3c 0.035 0.018 0.019 6.6 3/4 x 2 1/8 4400 350hj442u6r3c 0.037 0.020 0.022 5.6 7/8 x 1 5/8 5400 350gp542u6r3c 0.029 0.015 0.017 8.0 3/4 x 2 5/8 6100 350jj612u6r3c 0.033 0.018 0.020 6.2 1 x 1 5/8 6300 350hl632u6r3c 0.027 0.015 0.018 7.5 7/8 x 2 1/8 8300 350hp832u6r3c 0.022 0.013 0.016 8.8 7/8 x 2 5/8 8800 350jl882u6r3c 0.024 0.014 0.016 8.1 1 x 2 1/8 11000 350jp113u6r3c 0.020 0.012 0.015 9.6 1 x 2 5/8 7.5 vdc (10 vdc surge) 1500 350ge152u7r5c 0.091 0.044 0.040 3.2 3/4 x 1 1/8 2300 350he232u7r5c 0.068 0.035 0.034 3.7 7/8 x 1 1/8 2700 350gj272u7r5c 0.052 0.026 0.025 4.6 3/4 x 1 5/8 3200 350je322u7r5c 0.059 0.031 0.030 3.9 1 x 1 1/8 3900 350gl392u7r5c 0.037 0.018 0.019 6.6 3/4 x 2 1/8 4200 350hj422u7r5c 0.039 0.021 0.022 5.6 7/8 x 1 5/8 5100 350gp512u7r5c 0.030 0.015 0.016 7.9 3/4 x 2 5/8 5800 350jj582u7r5c 0.034 0.018 0.019 6.1 1 x 1 5/8 6000 350hl602u7r5c 0.028 0.015 0.018 7.4 7/8 x 2 1/8 7900 350hp792u7r5c 0.023 0.013 0.016 8.8 7/8 x 2 5/8 8400 350jl842u7r3c 0.025 0.014 0.016 8.0 1 x 2 1/8 11000 350jp113u7r5c 0.020 0.012 0.014 9.5 1 x 2 5/8 10 vdc (12 vdc surge) 1400 350ge142u010c 0.098 0.045 0.040 3.1 3/4 x 1 1/8 2100 350he212u010c 0.072 0.035 0.034 3.6 7/8 x 1 1/8 2600 350gj262u010c 0.055 0.026 0.025 4.5 3/4 x 1 5/8 3000 350je302u010c 0.062 0.032 0.030 3.6 1 x 1 1/8 3800 350gl382u010c 0.039 0.019 0.019 6.5 3/4 x 2 1/8 3900 350hj392u010c 0.041 0.021 0.022 5.5 7/8 x 1 5/8 4800 350gp482u010c 0.031 0.015 0.016 7.8 3/4 x 2 5/8 5400 350jj542u010c 0.036 0.019 0.020 5.7 1 x 1 5/8 esr max imped. ripple nom cap catalog +25 oc +25 oc a +85 oc size (in) (f) part number 120 hz 20 khz 100 khz 20 khz dxl 10 vdc (12 vdc surge) 5600 350hl562u010c 0.030 0.015 0.018 7.3 7/8 x 2 1/8 7300 350hp732u010c 0.024 0.013 0.016 8.7 7/8 x 2 5/8 7800 350jl782u010c 0.026 0.014 0.016 7.5 1 x 2 1/8 10000 350jp103u010c 0.021 0.012 0.015 9.0 1 x 2 5/8 12 vdc (18 vdc surge) 1100 350ge112u012c 0.108 0.046 0.042 3.1 3/4 x 1 1/8 1700 350he172u012c 0.079 0.036 0.034 3.6 7/8 x 1 1/8 2000 350gj202u012c 0.061 0.027 0.025 4.4 3/4 x 1 5/8 2400 350je242u012c 0.067 0.032 0.031 3.8 1 x 1 1/8 2900 350gl292u012c 0.044 0.019 0.020 6.4 3/4 x 2 1/8 3000 350hj302u012c 0.045 0.021 0.022 5.4 7/8 x 1 5/8 3700 350gp372u012c 0.035 0.016 0.017 7.7 3/4 x 2 5/8 4200 350jj422u012c 0.038 0.029 0.020 6.0 1 x 1 5/8 4400 350hl442u012c 0.032 0.016 0.018 7.2 7/8 x 2 1/8 5800 350hp582u012c 0.026 0.013 0.016 8.6 7/8 x 2 5/8 6100 350jl612u012c 0.028 0.014 0.016 7.8 1 x 2 1/8 8000 350jp802u012c 0.023 0.012 0.015 9.3 1 x 2 5/8 16 vdc (20 vdc surge) 950 350ge951u016c 0.116 0.047 0.042 3.0 3/4 x 1 1/8 1500 350he152u016c 0.085 0.037 0.035 3.5 7/8 x 1 1/8 1700 350gj172u016c 0.066 0.027 0.025 4.3 3/4 x 1 5/8 2000 350je202u016c 0.071 0.033 0.031 3.7 1 x 1 1/8 2500 350gl252u016c 0.047 0.020 0.020 6.3 3/4 x 2 1/8 2600 350hj262u016c 0.048 0.022 0.022 5.3 7/8 x 1 5/8 3200 350gp322u016c 0.037 0.016 0.017 7.6 3/4 x 2 5/8 3600 350jj362u016c 0.041 0.019 0.020 5.9 1 x 1 5/8 3800 350hl382u016c 0.034 0.016 0.018 7.1 7/8 x 2 1/8 4900 350hp492u016c 0.028 0.013 0.016 8.4 7/8 x 2 5/8 5200 350jl522u016c 0.029 0.014 0.016 7.7 1 x 2 1/8 6800 350jp682u016c 0.024 0.012 0.015 9.2 1 x 2 5/8 20 vdc (25 vdc surge) 800 350ge801u020c 0.125 0.048 0.042 3.0 3/4 x 1 1/8 1200 350he122u020c 0.089 0.038 0.035 3.5 7/8 x 1 1/8 1500 350gj152u020c 0.070 0.028 0.026 4.2 3/4 x 1 5/8 1700 350je172u020c 0.075 0.033 0.031 3.7 1 x 1 1/8
cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800 ? www.cde.com type 350 105 oc, low inductance, radial, aluminum electrolytic esr max imped. ripple nom cap catalog +25 oc +25 oc a +85 oc size (in) (f) part number 120 hz 20 khz 100 khz 20 khz dxl 20 vdc (25 vdc surge) 2100 350gl212u020c 0.050 0.020 0.020 6.2 3/4 x 2 1/8 2200 350hj222u020c 0.051 0.022 0.022 5.3 7/8 x 1 5/8 2800 350gp282u020c 0.040 0.017 0.017 7.5 3/4 x 2 5/8 3000 350jj302u020c 0.043 0.020 0.020 5.8 1 x 1 5/8 3200 350hl322u020c 0.036 0.016 0.018 7.0 7/8 x 2 1/8 4200 350hp422u020c 0.029 0.014 0.016 8.3 7/8 x 2 5/8 4500 350jl452u020c 0.031 0.014 0.016 7.6 1 x 2 1/8 5900 350jp592u020c 0.025 0.012 0.015 9.1 1 x 2 5/8 25 vdc (30 vdc surge) 600 350ge601u025c 0.140 0.050 0.042 2.9 3/4 x 1 1/8 900 350he901u025c 0.100 0.039 0.035 3.4 7/8 x 1 1/8 1100 350gj112u025c 0.079 0.029 0.026 4.1 3/4 x 1 5/8 1300 350je132u025c 0.082 0.034 0.031 3.6 1 x 1 1/8 1500 350gl152u025c 0.056 0.021 0.020 6.0 3/4 x 2 1/8 1600 350hj162u025c 0.057 0.023 0.022 5.1 7/8 x 1 5/8 2000 350gp202u025c 0.044 0.017 0.017 7.3 3/4 x 2 5/8 2300 350hl232u025c 0.040 0.017 0.018 6.8 7/8 x 2 1/8 2300 350jj232u025c 0.047 0.020 0.021 5.6 1 x 1 5/8 3100 350hp312u025c 0.032 0.014 0.016 8.2 7/8 x 2 5/8 3300 350jl332u025c 0.034 0.015 0.017 74.0 1 x 2 1/8 4300 350jp432u025c 0.027 0.013 0.016 8.9 1 x 2 5/8 30 vdc (40 vdc surge) 450 350ge451u030c 0.155 0.052 0.043 2.8 3/4 x 1 1/8 700 350he701u030c 0.110 0.041 0.035 3.3 7/8 x 1 1/8 800 350gj801u030c 0.088 0.030 0.026 4.0 3/4 x 1 5/8 950 350je951u030c 0.089 0.036 0.032 3.4 1 x 1 1/8 1100 350gl112u030c 0.062 0.022 0.02 5.8 3/4 x 2 1/8 1200 350hj122u030c 0.062 0.024 0.023 5.0 7/8 x 1 5/8 1500 350gp152u030c 0.048 0.018 0.017 7.1 3/4 x 2 5/8 1700 350jj172u030c 0.050 0.021 0.021 5.5 1 x 1 5/8 1800 350hl182u030c 0.044 0.017 0.018 6.6 7/8 x 2 1/8 2300 350hp232u030c 0.035 0.015 0.016 8.0 7/8 x 2 5/8 2500 350jl252u030c 0.036 0.016 0.017 7.2 1 x 2 1/8 3200 350jp322u030c 0.029 0.013 0.016 8.6 1 x 2 5/8 40 vdc (50 vdc surge) 320 350ge321u040c 0.176 0.054 0.043 2.7 3/4 x 1 1/8 500 350he501u040c 0.123 0.042 0.035 3.2 7/8 x 1 1/8 600 350gj601u040c 0.100 0.031 0.026 3.9 3/4 x 1 5/8 700 350je701u040c 0.099 0.037 0.032 3.4 1 x 1 1/8 850 350gl851u040c 0.070 0.023 0.02 5.7 3/4 x 2 1/8 900 350hj901u040c 0.070 0.025 0.023 4.9 7/8 x 1 5/8 1100 350gp112u040c 0.055 0.018 0.017 6.9 3/4 x 2 5/8 1200 350jj122u040c 0.056 0.022 0.021 5.4 1 x 1 5/8 1300 350hl132u040c 0.049 0.018 0.018 6.5 7/8 x 2 1/8 1700 350hp172u040c 0.039 0.015 0.016 7.9 7/8 x 2 5/8 1800 350jl182u040c 0.040 0.016 0.017 7.1 1 x 2 1/8 2300 350jp232u040c 0.032 0.013 0.016 8.5 1 x 2 5/8 esr max imped. ripple nom cap catalog +25 oc +25 oc a +85 oc size (in) (f) part number 120 hz 20 khz 100 khz 20 khz dxl 50 vdc (75 vdc surge) 250 350ge251u050c 0.195 0.057 0.043 2.6 3/4 x 1 1/8 370 350he371u050c 0.135 0.044 0.036 3.1 7/8 x 1 1/8 450 350gj451u050c 0.110 0.033 0.026 3.8 3/4 x 1 5/8 500 350je501u050c 0.105 0.038 0.033 3.3 1 x 1 1/8 650 350gl651u050c 0.077 0.024 0.020 5.5 3/4 x 2 1/8 680 350hj681uo5oc 0.076 0.026 0.023 4.7 7/8 x 1 5/8 800 350gp801u050c 0.060 0.019 0.018 6.7 3/4 x 2 5/8 900 350jj901u050c 0.060 0.022 0.022 5.2 1 x 1 5/8 1000 350hl102u050c 0.054 0.019 0.019 6.3 7/8 x 2 1/8 1300 350hp132u050c 0.043 0.016 0.017 7.7 7/8 x 2 5/8 1300 350jl132u050c 0.043 0.017 0.018 7.0 1 x 2 1/8 1800 350jp182u050c 0.034 0.014 0.016 8.4 1 x 2 5/8 60 vdc (85 vdc surge) 220 350ge221u060c 0.210 0.060 0.044 2.5 3/4 x 1 1/8 330 350he331u060c 0.145 0.045 0.036 3.0 7/8 x 1 1/8 350 350gj351u060c 0.120 0.034 0.027 3.7 3/4 x 1 5/8 460 350je461u060c 0.114 0.039 0.034 3.2 1 x 1 1/8 500 350gl501u060c 0.082 0.024 0.020 5.4 3/4 x 2 1/8 560 350hj561u060c 0.082 0.027 0.023 4.6 7/8 x 1 5/8 75 vdc (95 vdc surge) 150 350ge151u075c 0.640 0.240 0.240 1.7 3/4 x 1 1/8 230 350he231u075c 0.400 0.145 0.145 2.2 7/8 x 1 1/8 250 350gj251u075c 0.320 0.135 0.135 2.6 3/4 x 1 5/8 320 350je321u075c 0.280 0.110 0.110 2.5 1 x 1 1/8 340 350gl341u075c 0.215 0.100 0.100 3.9 3/4 x 2 1/8 390 350hj391u075c 0.210 0.090 0.090 3.5 7/8 x 1 5/8 460 350gp461u075c 0.160 0.074 0.074 5.0 3/4 x 2 5/8 530 350hl531u075c 0.140 0.067 0.067 5.0 7/8 x 2 1/8 540 350jj541u075c 0.155 0.068 0.068 4.0 1 x 1 5/8 710 350hp711u075c 0.106 0.050 0.050 6.4 7/8 x 2 5/8 740 350jl741u075c 0.105 0.051 0.051 5.6 1 x 2 1/8 1000 350jp101u075c 0.078 0.038 0.038 7.0 1 x 2 5/8 100 vdc (125 vdc surge) 90 350ge090u100c 0.800 0.240 0.240 1.7 3/4 x 1 1/8 140 350he141u100c 0.500 0.160 0.160 2.2 7/8 x 1 1/8 160 350gj161u100c 0.440 0.142 0.142 2.3 3/4 x 1 5/8 200 350je201u100c 0.400 0.130 0.130 2.4 1 x 1 1/8 210 350gl211u100c 0.295 0.105 0.105 3.5 3/4 x 2 1/8 240 350hj241u100c 0.290 0.095 0.095 3.2 7/8 x 1 5/8 290 350gp291u100c 0.220 0.078 0.078 4.6 3/4 x 2 5/8 330 350hl331u100c 0.195 0.071 0.071 4.5 7/8 x 2 1/8 340 350jj341u100c 0.210 0.071 0.071 3.7 1 x 1 5/8 450 350hp451u100c 0.145 0.053 0.053 5.8 7/8 x 2 5/8 460 350jl461u100c 0.140 0.053 0.040 6.7 1 x 2 1/8 620 350jp621u100c 0.105 0.040 0.040 6.7 1 x 2 5/8 ratings


▲Up To Search▲   

 
Price & Availability of 350GL651U050O

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X